|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Stand-Off Type Low Power Push-Pull Transformers ELECTRONICS INC. EPC3126-X-LF * Designed for use with Maxim Max 253/845 * Operating Temperature : -40C to +85C * PFA Teflon Insulation (Triple Insulated Wire) * UL1446 Class H (Class 180) Insulating System * UL94-V0 Recognized Materials * Up to 1 Watt Electrical Parameters @ 25 C PCA Part Number EPC3126-1-LF Voltage (V) Primary OCL (H Typ.) Turns Ratio (Pri. to Sec.) ET (V-Sec.) Duty Cycle (%) Rectification (Half or Full Wave) V in V out @ 100 KHz, 0.1 Vrms Pri. :Sec. @ 350 KHz Connections 5 15 793 1CT:2CT 11 75 Voltage Doubler 3.3 5 793 1CT:2CT 11 75 Output Center Tap EPC3126-2-LF 5 5 793 1CT:1.3CT 11 75 Output Center Tap 5 10 793 1CT:1.3CT 11 75 Voltage Doubler EPC3126-3-LF 5 10 793 1CT:2.6CT 11 77 Output Center Tap EPC3126-4-LF 5 12 793 1CT:3CT 11 80 Output Center Tap 5 24 793 1CT:3CT 11 80 Voltage Doubler EPC3126-5-LF 3.3 5 793 1CT:1CT 11 75 Voltage Doubler EPC3126-6-LF 5 5 793 1CT:0.6CT 11 83 Voltage Doubler EPC3126-7-LF 5 12 793 1CT:1.5CT 11 80 Voltage Doubler * Switching Frequency : 250 KHz - 1 MHz * Isolation : 4500 Vrms (1 minute) * Connections : Output Center Tap as Common/Return * { { { Notes : 1. Assembly Process (Solder Composition) EPC3126-X-LF (Assembly Solder)) SnAg 260C 10 (+2/-0) seconds Schematic Pri. 5 3 1 Sec. 6 4 2 2. Peak Solder Rating (per JES22-B106-B) 3. Weight 4. Packaging Information (Tray) TBD grams TBD pcs / tray Package 6 PCA 3 EPC3126-X-LF 4 D.C. 1 2 5 .350 Max. (8.89) .500 Max. (12.70) .250 Max. (6.35) .020 (.508) .400 (10.16) .500 Min. (12.70) .100 (2.54) .200 (5.08) .070 Min. (1.78) Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSC3126-X-LF Rev. 1/10/06 FT TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPC3126-1-LF |